Part Number Hot Search : 
MC14514 SX3209 SE3401 5KP85A CPH3431 1N5245B 332ML 313375P
Product Description
Full Text Search

PA3142AHL -    Coupled Inductor

PA3142AHL_8865502.PDF Datasheet


 Full text search :    Coupled Inductor


 Related Part Number
PART Description Maker
TC7660 TC7660MOA TC7660MOA713 Charge Pump DC-to-DC Voltage Converter
The TC7660 is a pin-compatible replacement for the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 10V input to a corresponding – 1.5V to -10V output using only two low-cost capacitors,eliminating indu
http://
Microchip
IR2E46U6 IR2E47U6 IR2E48U6 GM1HD55200A GL5CU44 GL5 HIGH-LUMINOSITY LED LAMP 高亮度发光二极管
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; No. of Contacts:3; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle
Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:24; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:20-24
Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Color:Orange; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes
INDU : 1H 10% MAGNETICALLY SHIELDED(WIREBOUND)
KK 100 HDR FLAT RTAN 8CKT TIN
Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:27; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket
CONNECTOR ACCESSORY
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT00; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle
Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:22-41
http://
Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
List of Unclassifed Man...
 
 Related keyword From Full Text Search System
PA3142AHL cantherm PA3142AHL single cell PA3142AHL gaas PA3142AHL Cycle PA3142AHL Drain
PA3142AHL UNITED CHEMI CON PA3142AHL watt PA3142AHL stock PA3142AHL Differential PA3142AHL mitsubishi
 

 

Price & Availability of PA3142AHL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.54383587837219